Part Number Hot Search : 
TD89A 2N5415 RLR2905 1H220M TCD1020 NLP110 BR211SB ON1086
Product Description
Full Text Search
 

To Download MAX1002EVKIT-MAX1003EVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1250; Rev 0; 6/97
MAX1002/MAX1003 Evaluation Kits
_______________General Description
The MAX1002/MAX1003 evaluation kits (EV kits) simplify evaluation of the 60Msps MAX1002 and 90Msps MAX1003 dual, 6-bit analog-to-digital converters (ADCs). The kits include the basic components necessary to operate the on-chip oscillator as a voltage-controlled oscillator (VCO). Each board can also be easily modified to accommodate an external clocking source. Connectors for power supplies, analog inputs, and digital outputs simplify connections to the device. The PC board features an optimized layout to ensure the best possible dynamic performance. The EV kits include a MAX1002 or MAX1003.
____________________________Features
o 5.85 Effective Number of Bits at 20MHz Analog Input Frequency o Separate Analog and Digital Power and Ground Connections with Optimized PC Board Layout o Matched Single-Ended or Differential Analog Inputs for Both I and Q Channels o Square-Pin Header for Easy Connection of Logic Analyzer to Digital Outputs o User-Selectable ADC Full-Scale Gain Ranges o Fully Assembled and Tested
Evaluate: MAX1002/MAX1003
____________________Component List
DESIGNATION QTY C1, C10, C11, C12 C2, C3, C6, C7 C4, C15 4 4 2 DESCRIPTION 0.01F, 25V min, 10% ceramic capacitors 47pF, 25V min, 5% ceramic capacitors 0.22F, 25V min, 10% ceramic capacitors 5pF, 10V min, 10% ceramic capacitor (MAX1003) 22pF, 10V min, 10% ceramic capacitor (MAX1002) 0.1F, 10V min, 10% ceramic capacitors 10F, 10V min, 20% tantalum caps AVX TAJC106K016 10k, 5% resistor 47k, 5% resistors 49.9, 1% resistors 220nH inductor Coilcraft 1008CS-221TKBC MAX1003CAX, 90Msps MAX1002CAX, 60Msps Varactor diode M/A-COM MA4ST079CK-287, SOT23 BNC connectors MAX1002/MAX1003 circuit board 0 resistors 2-pin headers 3-pin header 2-pin header (MAX1002 only) 26-pin connector Shunt for JU5
______________Ordering Information
PART MAX1002EVKIT-SO MAX1003EVKIT-SO TEMP. RANGE 0C to +70C 0C to +70C BOARD TYPE Surface Mount Surface Mount
______________Component Suppliers
SUPPLIER* AVX Coilcraft M/A-COM Sprague PHONE (803) 946-0690 (847) 639-6400 (617) 564-3100 (603) 224-1961 FAX (803) 626-3123 (847) 639-1469 (617) 564-3050 (603) 224-1430
C5 C8, C9, C13, C14 C16, C17 R1 R2, R3 R4-R7 L1 U1 D1 IIN+, IIN-, QIN+, QINNone JU1, JU2, JU6, JU7 JU3, JU4, JU8, JU9 JU5 JU11 J1 None
1
4 2 1 2 4 1 1 1 4 1 4 4 1 1 1 1
* Please indicate that you are using the MAX1002/MAX1003 when contacting these component suppliers.
_________________________Quick Start
The MAX1002/MAX1003 EV kits are fully assembled and tested. Follow these steps to verify proper board operation. Do not turn on the power supplies until all connections to the EV kit are completed. 1) Connect a +5V power supply to the pad marked VCC. Connect this supply's ground to the pad marked GND. 2) Connect a +3.3V (MAX1003) or +5V (MAX1002) power supply to the pad labeled VCCO. Connect the supply ground to the pad marked OGND. 3) Connect a +4V power supply to the pad marked VTUNE. Connect the supply ground to the GND pad. 4) Remove the shunt from jumper JU5. This sets a 250mVp-p full-scale range.
1
________________________________________________________________ Maxim Integrated Products
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX1002/MAX1003 Evaluation Kits Evaluate: MAX1002/MAX1003
5) Using an RF power splitter-combiner, connect a 250mVp-p, 20MHz sine-wave source to both analog inputs at BNC J3 and J6. The analog input impedance is 50 for each channel. 6) Connect a logic analyzer to connector J1 to monitor the digital outputs. 7) Turn on all power supplies and signal sources. 8) Observe the digitized analog input signals with the logic analyzer.
_______________Detailed Description
EV Kit Jumpers
The MAX1002/MAX1003 EV kits contain several jumpers that control board and part options. The following sections describe the different jumpers and their purposes. Table 1 lists the jumpers on the EV kits and their default positions.
MAX1002 Digital Outputs Supply The MAX1002 uses +5V for its VCCO supply. As with the MAX1003, the current requirement is a function of the analog input frequency and capacitive loading on the outputs. With 15pF loads and a 20MHz analog input sampling at 60Msps, the current requirement is about 13mA. You can also use a single power supply for both the VCC and VCCO supplies by installing jumper JU11, located near the EV kit power-supply connectors. However, for best dynamic performance, use separate analog and digital power supplies.
Analog Inputs
The analog inputs to the dual ADCs are provided through BNC connectors IIN+, IIN-, QIN+, and QIN-. The connectors are terminated with 49.9 to ground and are AC coupled to the converter's analog inputs, which are internally self-biased at 2.35V DC. A typical application circuit drives the IIN+ and QIN+ noninverting analog inputs using AC-coupled in-phase and quadrature signals. The nominal 20k input resistance of the analog inputs, plus the 0.1F AC-coupling capacitor value, sets the low-frequency corner at about 80Hz. You can drive the analog inputs either single-ended or differentially using AC- or DC-coupled inputs. Either the inverting or the noninverting input can be driven singleended. If the inverting input is driven, then the digital output codes are inverted (complemented). Refer to the MAX1002 or MAX1003 data sheet for typical circuits.
Table 1. EV Kit Jumpers and Default Positions
JUMPER(S) JU1, JU2, JU6, JU7 JU3, JU4, JU8, JU9 JU5 FUNCTION Power-supply currentsense ports Offset-correction amplifier enabled ADC full-scale range selection VCCO tied to VCC for single-supply operation (MAX1002) DEFAULT POSITION Shorted with 0 resistors Open Open
ADC Gain Selection
The single GAIN-select pin on the MAX1002 or MAX1003 controls the full-scale input range for both the I and the Q channels. Jumper JU5 is used to manually select the desired gain range as shown in Table 2. The EV kits are shipped with the mid-gain range selected (jumper pins open).
JU11
Open
Power Requirements
Both the MAX1002 and the MAX1003 require +5V at about 65mA for their analog VCC supply. Power-supply requirements for the digital outputs, however, are different for the two devices. 0 resistors are installed at jumper sites JU1, JU2, JU6, and JU7, and can be removed to sense device power-supply currents with an ammeter.
Table 2. Gain-Selection Jumper JU5 Settings
JU5 SETTING
JU5
1 2 3
CONNECTION
ADC GAIN RANGE
Pins 1 and 2 shorted
Low-gain, 500mVp-p
MAX1003 Digital Outputs Supply The MAX1003 requires +3.3V for the VCCO supply. The current requirement from the power supply is a function of the sampling clock and analog input frequencies, as well as the capacitive loading on the digital outputs. With 15pF loads and a 20MHz analog input frequency sampled at 90Msps, the current draw is about 10mA.
2
JU5
1 2 3
No pins shorted
Mid-gain, 250mVp-p
JU5
1 2 3
Pins 2 and 3 shorted
High-gain, 125mVp-p
_______________________________________________________________________________________
MAX1002/MAX1003 Evaluation Kits
Table 3 lists the possible input-drive combinations for the mid-gain (250mVp-p) full-scale range selection. Drive levels are referenced to the open-circuit, common-mode voltage of the analog inputs (typically 2.35V) if DC coupled, or to ground if AC coupling is used. If the low-gain (500mVp-p) range is selected, the input-drive requirements are twice those listed in Table 3. If the high-gain (125mVp-p) range is selected, the input-drive requirements are half those listed in Table 3.
Evaluate: MAX1002/MAX1003
68 66 FREQUENCY (MHz) 64 62 60 58 56 54 52
Table 3. Typical Input-Drive Requirements for Mid-Gain
INPUT DRIVE Single-Ended Noninverting QIN+ or IIN+ +125mV 0 -125mV Open Circuit Single-Ended Inverting Open Circuit Open Circuit +62.5mV Differential 0 -62.5mV QIN- or IINOpen Circuit Open Circuit Open Circuit +125mV 0 -125mV -62.5mV 0 +62.5mV OUTPUT CODE 111111 100000 000000 000000 011111 111111 111111 100000 000000
50 0 1 2 3 4 5 6 7 8 VTUNE CONTROL VOLTAGE (V)
Figure 1. MAX1002 Oscillator Frequency vs. VTUNE Control Voltage
105 100 FREQUENCY (MHz) 95 90 85 80 75 70 65 60 0 1 2 3 4 5 6 7 8 VTUNE CONTROL VOLTAGE (V)
Offset-Correction Amplifiers
The offset-correction amplifiers included on the MAX1002 and MAX1003 are usually enabled in a typical AC-coupled application circuit. For DC-coupled applications, the amplifiers must be disabled by installing shorting blocks on jumpers JU3, JU4 (I channel); and JU8, JU9 (Q channel). These jumpers short device pins IOCC+ (pin 2), IOCC- (pin 3), QOCC- (pin 16), and QOCC+ (pin 17) to ground and disable the amplifiers. The MAX1002/MAX1003 EV kits are configured with the offset-correction amplifiers enabled (jumpers open) and AC-coupled analog inputs.
Figure 2. MAX1003 Oscillator Frequency vs. VTUNE Control Voltage
Voltage-Controlled-Oscillator Operation
The EV kits include a voltage-controlled-oscillator (VCO) circuit to set the analog-to-digital converter (ADC) sampling rate using an external resonant tank and a varactor diode. A voltage applied to the VTUNE pad changes the varactor diode's capacitance to adjust the tank's resonant frequency, which sets the oscillator's sampling frequency. VTUNE voltage can be varied from 0V to a maximum of 8V.
The EV kits are designed so that a nominal VTUNE control voltage of about 4V sets the ADC sampling rate to either 60Msps for the MAX1002 or 90Msps for the MAX1003. The VTUNE control voltage should be well filtered, as any noise on the supply contributes to jitter in the internal oscillator and degrades the converters' dynamic performance. Figures 1 and 2 show the VTUNE control-voltage typical frequency-adjustment ranges for the MAX1002 and MAX1003 EV kits, respectively.
_______________________________________________________________________________________
MAX100/1003-fig2
110
MAX100/1003-fig1
70
3
MAX1002/MAX1003 Evaluation Kits Evaluate: MAX1002/MAX1003
Table 4. External Clock Source EV Kit Modifications
COMPONENT Clock Overdrive C5 DESCRIPTION Clock input BNC connector 5pF capacitor (MAX1003), 22pF capacitor (MAX1002) 47pF capacitors 220nH inductor 10k resistor 47k resistors Varactor diode MODIFICATION Add Remove Replace with 0.01F capacitors Remove Remove Replace with 49.9 resistors Remove
Digital Outputs
The TTL/CMOS-compatible digital outputs are presented in parallel from both I and Q channels at connector J1. The data format is offset binary with the MSB as D5 and the LSB as D0. The row of pins closest to the board edge is digital output ground (OGND), while the data bits occupy the inside row. Located in the middle of the connector is the pin for the output clock labeled DCLK. This signal can be used to latch the parallel output data for capture into a logic analyzer or external DSP circuitry. Both digital outputs are updated on DCLK's rising edge (see the timing diagram in the MAX1002 or MAX1003 data sheet).
C6, C7 L1 R1 R2, R3 D1
_____________Layout Considerations
The MAX1002/MAX1003 EV kit layouts have been optimized for high-speed signals. Careful attention has been given to grounding, power-supply bypassing, and signal-path layout to minimize coupling between the analog and digital sections of the circuit. For example, the ground plane has been removed under the tank circuitry to reduce stray capacitive loading on the relatively small capacitors required in the external resonant tank formed by C5, L1, and D1. Other layout considerations are detailed in the following sections.
External Clock Operation
The MAX1002/MAX1003 EV kits can be converted to drive the ADCs from an external clock source. This involves removing the external resonator components from the VCO circuit and adding a few new components. Table 4 lists the EV kit changes required to convert the board to accept an external clock source. The resulting schematic is shown in Figure 4. The new 49.9 value of R3 shown in Figure 4 provides proper termination for a 50 external signal generator. AC-coupling capacitor C6 couples the external clock signal to the MAX1002/MAX1003 oscillator circuitry at TNK+ (pin 9). R2 and C7 ensure that the impedance at both ports of the oscillator is balanced. After all modifications are complete, connect an external clock source to the BNC connector on the EV kit marked CLOCK OVERDRIVE. The recommended clock amplitude is 1Vp-p; however, the ADC operates correctly with as little as 100mVp-p or up to 2.5Vp-p on CLOCK OVERDRIVE. The external clock source should have low phase noise for best dynamic performance. A low-phase-noise sine-wave oscillator serves this purpose well. A squarewave clock source is not necessary to drive the MAX1002/MAX1003. The devices contain sufficient gain to amplify even a low-level-input sine wave to drive the ADC comparators, while ensuring excellent dynamic performance.
Power Supplies and Grounding
The EV kits feature separate analog and digital power supplies and grounds for best dynamic performance. A thin trace located on the backside of the circuit board near the VCC power-supply connector ties the analog and output ground planes together. This trace can be cut if the power-supply grounds are referenced elsewhere. Referencing analog and digital grounds together at a single point usually avoids ground loops and corruption of sensitive analog circuitry by noise from the digital outputs. If the ground trace on the backside of the board is cut, observe the absolute maximum ratings between the two grounds.
4
_______________________________________________________________________________________
MAX1002/MAX1003 Evaluation Kits
Bypassing
Proper bypassing is essential to achieve the best dynamic performance from the converters. The MAX1002/MAX1003 EV kits use 10F bypass capacitors located close to the power-supply connectors on the board to filter low-frequency supply ripple. High-frequency bypassing is accomplished with ceramic chip capacitors located very close to the device's supply pins. As the digital outputs toggle, transient currents in the VCCO supply can couple into sensitive analog circuitry and severely degrade the converters' effective number of bits performance. Of particular concern is effectively bypassing VCCO to OGND. For best results, locate the bypass capacitors on the same side of the board and place them close to the device. This avoids the use of through-holes and results in lower series inductance. The capacitor size chosen for the EV kits (size 0603) keeps the layout compact. Finally, the modest value (47pF) and small size result in a high self-resonant frequency for effective high-frequency bypassing.
__________Applications Information
To achieve the full dynamic potential from the converters, minimize the capacitive loading on the digital outputs to reduce the transient currents at V CCO and OGND. The maximum capacitance per output bit should be less than 15pF. For example, the capacitance of the digital output traces and the J1 connector on the EV kits is about 3pF per trace. In an applications circuit, this could be further reduced by locating the digital receiving chip very close to the MAX1002/ MAX1003 and removing the ground plane from under the output bit traces. A logic analyzer can be connected to the J1 connector on the EV kits for evaluation purposes. The analyzer should be directly connected to the EV kit without any additional ribbon cables. Even a short length of ribbon cable can exceed the maximum recommended capacitive loading of the digital outputs. A typical high-speed logic analyzer probe adds about another 8pF loading per digital bit, which is acceptable for good dynamic performance.
Evaluate: MAX1002/MAX1003
_______________________________________________________________________________________
5
Evaluate: MAX1002/MAX1003
C8 0.1F 1 VCC JU5 2 3
MAX1002/MAX1003 Evaluation Kits
Figure 3. MAX1002/MAX1003 EV Kit Schematic (Voltage-Controlled-Oscillator Mode) U1 MAX1003 (MAX1002)
1 GAIN VCC DI5 J1-1 J1-3 J1-5 J1-7 J1-9 J1-11 J1-13 JU2 0 C2 47pF VCCO DI4 DI3 DI2 DI1 DI0 DCLK VCC OGND VCC DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 GND 24 23 22 21 20 19 GND J1-2 C1 0.01F VTUNE R6 49.9 VCC C16 10F GND CUT HERE TO SEPARATE GROUNDS C17 10F VCCO VCCO JU11 VTUNE VCC J1-4 J1-6 J1-8 J1-10 J1-12 J1-14 J1-16 J1-18 J1-20 J1-22 J1-24 J1-26 25 26 27 C3 47pF 28 29 30 31 32 33 34 35 IOCC+ IOCCIIN+ IINVCC GND VCC TNK+ TNKGND GND VCC QINQIN+ QOCCQOCC+ VCC C9 0.1F 2 C4 0.22F 3 4 5 C10 0.01F 7 JU6 8 9 10 C12 0.01F 11 12 13 14 15 16 JU8 17 18 R7 49.9 C14 0.1F JU9 C15 0.22F C11 0.01F JU7 0 VCC 0 C5 5pF (22pF) C7 47pF R2 47k VCC C13 0.1F 6 R5 49.9 JU3 R3 47k C6 47pF L1 220nH D1 1 JU4 36 JU1 0 R4 49.9 2 J1-15 J1-17 J1-19 J1-21 J1-23 J1-25 OGND
6
IIN+
BNC
IIN-
BNC
VTUNE
R1 10k
3
QIN-
BNC
QIN+
BNC
_______________________________________________________________________________________
= ANALOG GROUND (GND)
= DIGITAL GROUND (OGND)
()
= MAX1002
IIN+ 1 VCC JU5 3
C8 0.1F 2
BNC
U1 MAX1003 (MAX1002)
1 GAIN VCC DI5 J1-1 J1-3 J1-5 J1-7 J1-9 J1-11 J1-13 JU2 0 C2 47pF VCCO DI4 DI3 DI2 DI1 DI0 DCLK VCC OGND VCC DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 GND 24 23 22 21 20 19 GND J1-2 C1 0.01F J1-4 J1-6 J1-8 J1-10 VCC J1-12 J1-14 J1-16 25 26 27 C3 47pF 28 29 30 31 32 33 34 35 IOCC+ IOCCIIN+ IINVCC GND VCC TNK+ TNKGND GND VCC QINQIN+ QOCCQOCC+ VCC 36 JU1 0
IINC9 0.1F 2 C4 0.22F 3 4 5 C10 0.01F 7 JU6 8 9 10 C12 0.01F 11 12 13 14 15 16 JU8 17 18 R7 49.9 C14 0.1F VTUNE R6 49.9 VCC C16 10F GND CUT HERE TO SEPARATE GROUNDS C17 10F VCCO VCCO JU11 VTUNE JU9 C15 0.22F JU7 0 C11 0.01F C7 0.01F VCC C13 0.1F VCC 0 6 R5 49.9 JU3 JU4
R4 49.9
BNC
BNC CLK_IN C6 0.01F
R3 49.9
R2 49.9
J1-15 J1-17 J1-19 J1-21 J1-23 J1-25
Figure 4. MAX1002/MAX1003 EV Kit Schematic (External Clock Operation)
J1-18 J1-20 J1-22 J1-24 J1-26 OGND
QIN-
BNC
QIN+
BNC
= ANALOG GROUND
= DIGITAL GROUND
Evaluate: MAX1002/MAX1003
_______________________________________________________________________________________
()
= MAX1002
MAX1002/MAX1003 Evaluation Kits
7
MAX1002/MAX1003 Evaluation Kits Evaluate: MAX1002/MAX1003
1.0"
1.0"
Figure 5. MAX1002/MAX1003 EV Kit Component Placement Guide--Component Side
Figure 6. MAX1002/MAX1003 EV Kit Component Placement Guide--Solder Side
1.0"
1.0"
Figure 7. MAX1002/MAX1003 EV Kit PC Board Layout-- Component Side
Figure 8. MAX1002/MAX1003 EV Kit PC Board Layout-- Solder Side
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 ___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600 (c) 1997 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1002EVKIT-MAX1003EVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X